Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE4961-4M Fiches technique(PDF) 87 Page - Infineon Technologies AG

No de pièce TLE4961-4M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-4M Fiches technique(HTML) 87 Page - Infineon Technologies AG

Back Button TLE4961-4M Datasheet HTML 83Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 84Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 85Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 86Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 87Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 88Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 89Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 90Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 91Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
87
ISO 26262 - Functional Safety (FuSa)
Dependable electronics based on Functional Safety
The transformation in the automotive industry is being
driven by megatrends such as automated driving and
connectivity, all of which increases the need for safe
electronic systems. These systems require highly integrated
and safe electronic semiconductors. Today’s standard
for safe automated and safe autonomous systems is the
ISO 26262 that is already implemented in the Infineon
automotive products and well-established in the
company’s development processes and all product support
activities.
Infineon is actively monitoring the trends in the automotive
industry. We provide components and chipsets as well
as system knowledge to support all safety-relevant
automotive systems. Our broad product portfolio
addresses a wide range of functionalities with sensors,
computing and actuating chips complemented by power
supply chips and communication ICs. For easy integration
and minimum effort at the system integrator level, Infineon
provides all of the necessary supporting information
and documentation, as well as support from our team of
experts. The required conformity evidence to ISO 26262
series of standards is available for all Infineon automotive
safety products.
Functional safety is an inherent part of the proprietary
development processes in Infineon. All products with
assigned ASIL-classified safety requirements are subject
to appropriate internal audits, assessments, and
confirmations. With that, we ensure that these components
fulfill the requirements for ISO 26262-compliant
and ISO 26262-ready classifications – both are
recognizable by our PRO-SIL™ trademark. With regard
to ISO 26262-compliance, PRO-SIL™ indicates that
assigned product safety requirements are fulfilled and
conform to the ISO 26262 series of standards. With regard
to ISO 26262-readyness, PRO-SIL™ indicates that the
integrator gets the necessary information to integrate
a non-ISO 26262 developed part into his safe system
according to ISO 26262 clause 8-13.
All ISO 26262-compliant and ISO 26262-ready parts
are produced according to Infineon’s comprehensive
automotive quality processes, resulting in the highest-
possible product reliability. With our passion for quality
and by taking a holistic functional safety approach,
Infineon provides dependable electronics to support
today’s safety-relevant systems and future fail-operational
systems essential for highly automated and autonomous
driving.
Functional safety – ISO 26262
www.infineon.com/iso26262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91