Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSS3205 Fiches technique(PDF) 17 Page - Mosel Vitelic, Corp

No de pièce MSS3205
Description  21/32/43/60 VOICE ROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOSEL [Mosel Vitelic, Corp]
Site Internet  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS3205 Fiches technique(HTML) 17 Page - Mosel Vitelic, Corp

Back Button MSS3205 Datasheet HTML 13Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 14Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 15Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 16Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 17Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 18Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 19Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 20Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 21Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MOSEL VITELIC INC.
17/27
PID248*** 08/96
MSS2105/S3205/S4305/S6605
preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
2. KeyBoard addressing(>10 sentence):
VCC
COUT
OSC
R1
T
S
VSS
TG7/S9
TG6/S8
TG5/S7
TG4/S6
TG3/S5
TG2/S4
TG1/S3
TG0/S2
ROW6/S1
ROW5/S0
D4/ROW4
D3/ROW3
D2/ROW2
D1/ROW1
D0/ROW0
SWS0
SWS1
SWS2
SWS3
SWS4
SWS5
SWS6
SWS7
SWS8
SWS9
SWD0
SWD1
SWD2
SWD3
SWD4
S-tree
D-tree
3. KeyBoard addressing (
≤10 sentence ):
VCC
COUT
OSC
R1
T
S
VSS
TG7
TG6
TG5
TG4
TG3
TG2
TG1
TG0
ROW6
ROW5
Sen0
Sen1
Sen2
Sen3
Sen4
Sen5
Sen6
Sen7
Sen8
Sen9
S-tree
SW8
SW0
SW24
SW16
4. Matrix addressing Mode:
SW40
SW32
SW48
9
1
25
17
41
33
49
10
2
26
18
42
34
50
11
3
27
19
43
35
51
12
4
28
20
44
36
52
13
5
29
21
45
37
53
14
6
30
22
46
38
54
15
7
31
23
47
39
55
Note: Piezo Buzzer can be provided by above circuits.
28
1
2
3
45
6
8
9
11
12 13 14
27 26 25 24 23
17
18
19
20
21
22
V1
V2
BS
Vss
ROSC
VDD
ROW6
TG0
TG7
COUT
MSS6605
DIE SIZE : 2050 X 3120um
PAD SIZE: 90 X 90um
SUBTRATE: Vdd
-
+
T
S
TG7
TG6
TG5
TG4
TG1
TG2
TG3
R2
R1
R2
R2
16
710
ROW5
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27