Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7623 Fiches technique(PDF) 2 Page - Kimberly-Clark Worldwide, Inc.

No de pièce 7623
Description  Floor Stand Wiper Dispenser - Large Roll / Blue - 6154
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KLEENGUARD [Kimberly-Clark Worldwide, Inc.]
Site Internet  https://www.kcprofessional.com/en-gb
Logo KLEENGUARD - Kimberly-Clark Worldwide, Inc.

7623 Fiches technique(HTML) 2 Page - Kimberly-Clark Worldwide, Inc.

  7623 Datasheet HTML 1Page - Kimberly-Clark Worldwide, Inc. 7623 Datasheet HTML 2Page - Kimberly-Clark Worldwide, Inc. 7623 Datasheet HTML 3Page - Kimberly-Clark Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solution
Productive Workplace
The success of your business hinges on your work efficiency. That
’s
why our solutions are designed to help improve your productivity.
Healthier Workplace
The HEALTHY WORKPLACE PROJECT* is a comprehensive office
hygiene programme which helps engage employees and reduce
sickness.
Trade
Eurasian Product
Compliance - Declaration
Eurasia Trade Agreement ( Belarus/Russia/Kazakhstan),Applies to
Safety Products & Dispensers/Disposers
A Certificate or Declaration are available if indicated here.This
supports the cross sale within these countries without extra
documentation
ISO 9001
This gives the requirements for quality management systems, is now
firmly established as the globally implemented standard for providing
assurance about the ability to satisfy quality requirements and to
enhance customer satisfaction in supplier-customer relationships.
International Standards and Symbols
Unit Of Sale
Net Weight(kg)
Case
3.6
Max Weight(kg)
Case Dimension
(LXWXH)(cm)
5.28
64 x 7 x 51
Packaging
Pallet Type
LxWxH (m)
Cases per Layer
Layers per Pallet
Cases per Pallet
S2
1.20 x 1.00 x 8.82
3
17
51
2 / 3
Product Data Sheet for Kimberly-Clark Professional
™ Floor Stand Wiper
Dispenser - Large Roll / Blue - 6154



Html Pages

1 2 3