Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS862AID Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce TS862AID
Description  Rail-to-rail micropower BiCMOS comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS862AID Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button TS862AID Datasheet HTML 10Page - STMicroelectronics TS862AID Datasheet HTML 11Page - STMicroelectronics TS862AID Datasheet HTML 12Page - STMicroelectronics TS862AID Datasheet HTML 13Page - STMicroelectronics TS862AID Datasheet HTML 14Page - STMicroelectronics TS862AID Datasheet HTML 15Page - STMicroelectronics TS862AID Datasheet HTML 16Page - STMicroelectronics TS862AID Datasheet HTML 17Page - STMicroelectronics TS862AID Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package information
TS861, TS862, TS864
14/19
Doc ID 6422 Rev 3
3.3
SO-14 package information
Figure 26.
SO-14 package outline
Table 8.
SO-14 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
1.75
0.05
0.068
A1
0.10
0.25
0.004
0.009
A2
1.10
1.65
0.04
0.06
B
0.33
0.51
0.01
0.02
C
0.19
0.25
0.007
0.009
D
8.55
8.75
0.33
0.34
E
3.80
4.0
0.15
0.15
e
1.27
0.05
H
5.80
6.20
0.22
0.24
h
0.25
0.50
0.009
0.02
L
0.40
1.27
0.015
0.05
k8° (max.)
ddd
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19