| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8245 Fiches technique(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8245 Fiches technique(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 68 page ![]() MPC8245 Integrated Processor Hardware Specifications, Rev. 10 32 Freescale Semiconductor Package Description 5.2 Pin Assignments and Package Dimensions Figure 24 shows the top surface, side profile, and pinout of the MPC8245, 352 TBGA package. Figure 24. MPC8245 Package Dimensions and Pinout Assignments B A C – E – – F – 0.150 – T – T H G 25 23 21 19 17 15 13 11 9 7 5 3 1 A C E G J L N R U W AA AC AE 352X ∅ D MIN MAX A 34.8 35.2 B 34.8 35.2 C 1.45 1.65 D.60 .90 G 1.27 BASIC H.85 .95 K 31.75 BASIC L.50 .70 Top View Notes: 26 24 22 20 18 16 14 12 10 8 6 4 2 B D F H K M P T V Y AB AD AF CORNER K L Bottom View 1. Drawing not to scale. 2. All measurements are in millimeters (mm). K Dot on top indicates corner of A1 pin on bottom |