| Moteur de recherche de fiches techniques de composants électroniques |
|
NJM78LR05CL Fiches technique(PDF) 4 Page - Nisshinbo Micro Devices Inc. |
|
|
|||||||||||||||||||||||||||||
NJM78LR05CL Fiches technique(HTML) 4 Page - Nisshinbo Micro Devices Inc. |
|
4 / 8 page ![]() NJM78LR05 - 4 - Ver.2025-02-18 NJM78LR05BD/CD/BL/CL is the NRND product. ■ APPLICATION CIRCUIT td [ms] = 100×Cd [μF] Note 1 : When the capacitance Cd is too large, the actual delay time is shorter than the calculated result because an electrical charge of Cd is discharged incompletely. Solution of above problem : (1) Connect SBD between output terminal and Cd terminal. Please refer to the fallowing circuit. (2) Select larger capacitance, CIN than Cd. |