Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M45PE16-VMP6P Fiches technique(PDF) 7 Page - Numonyx B.V

No de pièce M45PE16-VMP6P
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6P Fiches technique(HTML) 7 Page - Numonyx B.V

Back Button M45PE16-VMP6P Datasheet HTML 3Page - Numonyx B.V M45PE16-VMP6P Datasheet HTML 4Page - Numonyx B.V M45PE16-VMP6P Datasheet HTML 5Page - Numonyx B.V M45PE16-VMP6P Datasheet HTML 6Page - Numonyx B.V M45PE16-VMP6P Datasheet HTML 7Page - Numonyx B.V M45PE16-VMP6P Datasheet HTML 8Page - Numonyx B.V M45PE16-VMP6P Datasheet HTML 9Page - Numonyx B.V M45PE16-VMP6P Datasheet HTML 10Page - Numonyx B.V M45PE16-VMP6P Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
M45PE16
Description
7/45
Figure 2.
MLP and SO8 connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
W
S
VCC
VSS
C
D
Q
Reset
AI06885C
M45PE16
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45