Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF45CV5V Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce LF45CV5V
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF45CV5V Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button LF45CV5V Datasheet HTML 26Page - STMicroelectronics LF45CV5V Datasheet HTML 27Page - STMicroelectronics LF45CV5V Datasheet HTML 28Page - STMicroelectronics LF45CV5V Datasheet HTML 29Page - STMicroelectronics LF45CV5V Datasheet HTML 30Page - STMicroelectronics LF45CV5V Datasheet HTML 31Page - STMicroelectronics LF45CV5V Datasheet HTML 32Page - STMicroelectronics LF45CV5V Datasheet HTML 33Page - STMicroelectronics LF45CV5V Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LF00 SERIES
32/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.4
0.6
0.015
0.023
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.9
5.25
0.193
0.206
G1
2.38
2.7
0.093
0.106
H
9.35
10.1
0.368
0.397
L2
0.8
0.031
L4
0.6
1
0.023
0.039
PPAK MECHANICAL DATA
0078180-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34