| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-RX012/250-1 Fiches technique(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RX012/250-1 Fiches technique(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 5 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Devices taped using EIA468–B/IEC286-2 standards. See table below and Figures 1 and 2 for details. IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Carrier tape width WW Hold down tape width: W0 W4 min. Hold down tape No protrusion Top distance between tape edges W2 W6 max. Sprocket hole position W1 W5 Sprocket hole diameter D0 D0 Abscissa to plane (straight lead) HH Abscissa to plane (kinked lead) H0 H0 Abscissa to top (straight lead) H1 H1 max. Abscissa to top (kinked lead) H1 H1 max. Overall width w/lead protrusion (straight lead) C1 max. Overall width w/lead protrusion (kinked lead) C1 max. Overall width w/o lead protrusion (straight lead) C2 max. Overall width w/o lead protrusion (kinked lead) C2 max. Lead protrusion I1 L1 max. Protrusion of cutout LL max. Protrusion beyond hold tape I2 I2 Not specified Sprocket hole pitch P0 P0 Pitch tolerance 20 consecutive Device pitch: MF-R005–MF-R160, MF-R/90, MF-RX110/72–MF-RX185/72 Device pitch: MF-R185–MF-R400, MF-RX110–MF-RX375 MF-R/600, MF-RX250/72–MF-RX375/72 Tape thickness tt max. Tape thickness with splice: MF-R010–MF-R160, t1 max. MF-RX110/72–MF-RX185/72, Tape thickness with splice: MF-R250–MF-R1100 MF-RX110–MF-RX375, MF-R/90, MF-RX250/72–MF-RX375/72 t1 max. Splice sprocket hole alignment 0 Body lateral deviation ∆h ∆h 0 Body tape plane deviation ∆p ∆p 0 Lead spacing FF Reel width wW2 max. Reel diameter da max. Space between flanges less device W1 h MF-R, MF-R/90, MF-R/600, MF-RX, MF-RX/72 & MF-RX/250 Series Tape and Reel Specifications 18 (.709) -0.5/+1.0 (-0.02/+.039) 9 (.354) -0.5/+0.75 (-0.02/+0.03) 4 (.157) ±0.2 (±.0078) 18.5 (.728) ±3.0 (±.118) 16 (.63) 32.2 (1.268) 38.0 (1.496) 43.2 (1.7) 55.0 (2.165) 42.5 (1.673) 54.0 (2.126) 1.0 (.039) 11 (.433) ±0.5 (±.02) 12.7 (0.5) 12.7 (0.5) 25.4 (1.0) 0.9 (.035) 1.5 (.059) 2.3 (.091) 5.08 (0.2) 56 (2.205) 370 (14.57) ±0.3 (±.012) ±1 (±.039) ±0.3 (±.012) ±0.6 (±.024) ±0.3 (±.012) ±1.0 (±.039) ±1.3 (±.051) ±0.2 (±.008) 4.75 (.187) ±3.25 (±.128) 11 (.433) 3 (.118) DIMENSIONS = MM (INCHES) |