Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD2932 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 4Page - STMicroelectronics SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics SD2932 Datasheet HTML 10Page - STMicroelectronics SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
SD2932
1020876B
Controlling Dimension: Inches
M244 (.400 x .860 4/L BAL N/HERM W/FLG) MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
5.59
5.84
0.220
0.230
B
5.08
0.200
C
3.02
3.28
0.119
0.129
D
9.65
9.91
0.380
0.390
E
19.81
20.82
0.780
0.820
F
10.92
11.18
0.430
0.440
G
27.94
1.100
H
33.91
34.16
1.335
1.345
I
0.10
0.15
0.004
0.006
J
1.52
1.78
0.060
0.070
K
2.59
2.84
0.102
0.112
L
4.83
5.84
0.190
0.230
M
10.03
10.34
0.395
0.407
N
21.59
22.10
0.850
0.870
DIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12