Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPTSP1 Fiches technique(PDF) 1 Page - IDEAL-TEK SA

No de pièce MPTSP1
Description  Stainless steel probes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDEAL-TEK [IDEAL-TEK SA]
Site Internet  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

MPTSP1 Fiches technique(HTML) 1 Page - IDEAL-TEK SA

  MPTSP1 Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
Ideal-tek.com
REV.00
SPAREXYQ
Product code:
MPTSP1
Product type:
Stainless steel probes
Made in:
Pakistan
Description:
MPTSP1 Stainless Steel probe is suitable to scrape hard components. With its single tip
rounded body, the MPTSP1 is an auxiliary tool used for soldering, inspecting and gluing. The
pointed tip allows access into small working areas. Stainless Steel probes are rust-free and
equipped with knurled handles which prevent any possible slips.
Tip description:
straight needle
Body material:
Stainless Steel (S)
Picture:
Product dimensions:
OAL
155.0 mm – 6.102 inch
Width
6.0 mm – 0.236 inch
Height
6.0 mm – 0.236 inch
a
Tip (1) dimensions:
Tip width
0.3 mm – 0.012 inch
Tip thickness 0.3 mm – 0.012 inch
Tip (1) details:


Numéro de pièce similaire - MPTSP1

FabricantNo de pièceFiches techniqueDescription
logo
IDEAL-TEK SA
MPTSP2 IDEAL-TEK-MPTSP2 Datasheet
191Kb / 1P
Stainless steel probes
REV.00
More results

Description similaire - MPTSP1

FabricantNo de pièceFiches techniqueDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com