| Moteur de recherche de fiches techniques de composants électroniques |
|
LS404 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LS404 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() SCHEMATIC DIAGRAM (1/4 LS404) ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage ±18 V Vi Input Voltage (positive) (negative) +VCC -VCC - 0.5 V Vid Differential Input Voltage ± (VCC -1) Toper Operating Temperature Range LS404C LS404I LS404M 0 to +70 -40 to +105 -55 to +125 oC Ptot Power Dissipation at Tamb =70 oC 400 mW Tstg Storage Temperature -65 to 150 oC LS404 2/12 |