Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS340U Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STPS340U
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340U Fiches technique(HTML) 6 Page - STMicroelectronics

  STPS340U_03 Datasheet HTML 1Page - STMicroelectronics STPS340U_03 Datasheet HTML 2Page - STMicroelectronics STPS340U_03 Datasheet HTML 3Page - STMicroelectronics STPS340U_03 Datasheet HTML 4Page - STMicroelectronics STPS340U_03 Datasheet HTML 5Page - STMicroelectronics STPS340U_03 Datasheet HTML 6Page - STMicroelectronics STPS340U_03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STPS340U/S/B
6/7
PACKAGE MECHANICAL DATA
SMB
E
C
L
E1
D
A1
A2
b
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.41
0.006
0.016
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
D
3.30
3.95
0.130
0.156
L
0.75
1.60
0.030
0.063
1.52
2.75
2.3
1.52
FOOTPRINT DIMENSIONS (in millimeters)



Html Pages

1 2 3 4 5 6 7