| Moteur de recherche de fiches techniques de composants électroniques |
|
PCC-SMP-UCB-100-R Fiches technique(PDF) 2 Page - Omega Engineering, Inc. |
|
|
|||||||||||||||||||||||||||||
PCC-SMP-UCB-100-R Fiches technique(HTML) 2 Page - Omega Engineering, Inc. |
|
2 / 2 page ![]() UNRESTRICTED ________________________________________________________________________ PCC-SMP Drawing To Order Model Number Connector Style Mating Connector PCC-SMP-(*)-5-(**) PCC-SMP-(*)-50-(**) PCC-SMP-(*)-100-(**) Regular mount SMPW series PCC-SMP-V-(*)-5 PCC-SMP-V-(*)-50 PCC-SMP-V-(*)-100 Vertical mount SMPW series *Specify calibration: Choices: type J, K, T, E, N, and U (specify “UCB” for Beryllium Copper) **For optional transistor retainer clip, add suffix “-R” to model number. This feature is not offered on “V” (vertical mount) connectors. For custom ‘closed-end’ connector, add “-CE” to model number. Ordering Example: PCC-SMP-UCB-100-R: circuit board connector, miniature size, uncompensated, with beryllium copper pins, with transistor retaining clip, package of 100. |