Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M5482B7 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce M5482B7
Description  LED DISPLAY DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5482B7 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button M5482B7 Datasheet HTML 2Page - STMicroelectronics M5482B7 Datasheet HTML 3Page - STMicroelectronics M5482B7 Datasheet HTML 4Page - STMicroelectronics M5482B7 Datasheet HTML 5Page - STMicroelectronics M5482B7 Datasheet HTML 6Page - STMicroelectronics M5482B7 Datasheet HTML 7Page - STMicroelectronics M5482B7 Datasheet HTML 8Page - STMicroelectronics M5482B7 Datasheet HTML 9Page - STMicroelectronics M5482B7 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M5482
8/10
PACKAGE MECHANICAL
Table 5. PDIP20 - Mechanical Data
Figure 10. PDIP20 - Package Dimensions
Note: Drawing is not to scale
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
i
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
20
11
110
B
e
D
Z
b
Z
e3
b1
E



Html Pages

1 2 3 4 5 6 7 8 9 10