Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPCGC151M Fiches technique(PDF) 1 Page - Santronics Inc

No de pièce LPCGC151M
Description  R3 Dissipative Rubber Worksurface Mat
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCS [Santronics Inc]
Site Internet  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

LPCGC151M Fiches technique(HTML) 1 Page - Santronics Inc

  LPCGC151M Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Properties
Typical Value
Test Method
Thickness*
0.063ʺ (1.6 mm) ±0.005"
Color*
Green/Black
Light Blue/Black
Gray/Black
Dark Blue/Black
Resistances
Surface to Ground (Rtg)
Surface to Surface (Rtt)
1 x 106 to < 1 x 109 ohms
1 x 106 to < 1 x 109 ohms
ANSI/ESD S4.1, ESD TR53
ANSI/ESD S4.1, ESD TR53
Hardness
65 ± 5 Shore “A”
ASTM-D2240
Tolerance
Mat Kit
Rolls
Width +/- 0.250"
Length +/- 1"
Width +/- 0.250"
Length +/- 2"
*Color, texture and thickness may vary between lots and mills.
Matting materials have a tendency to shrink slightly when first unrolled. In applications where
length is critical, allow the material to condition for at least 4 hours before cutting to size.
Always using care, trim with a sharp knife or razor blade.
R3 Dissipative Rubber Worksurface Mat
Meets ANSI/ESD S20.20 worksurface required limit (and recommendation
of ANSI/ESD S4.1) tested per ANSI/ESD S4.1 and ESD TR53. Resistance
to solvents, hot solder and soldering irons makes the R3 Dissipative Rubber
Worksurface Mat a versatile static-safe worksurface. Electrical performance
is accomplished by using a two-layer rubber combination of a static
dissipative colored top with a conductive black bottom. Compatible with
Continuous Workstation Monitors. Available in rolls and mat kits.
DRAWING
NUMBER
R3 Series
DATE
January
2018
© 2018 DESCO INDUSTRIES INC.
Employee Owned
R3 DISSIPATIVE RUBBER WORKSURFACE MAT
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
Roll Item Numbers
Size
Light Blue
Gray
Green Dark Blue
2' x 50'
(0.6 m x 15.2 m)
770070
770086 770081
770091
2.5' x 50'
(0.8 m x 15.2 m)
770071
770087 770082
770092
3' x 50'
(0.9 m x 15.2 m)
770072
770088 770083
770093
4' x 50'
(1.2 m x 15.2 m)
770073
770089 770084
Includes roll of
matting material.
Made in the
United States of America
Table Mat Kit Item Numbers
Table Mat Kit Includes:
1 Table Mat, size as specified
1 LPCGC151M 15' (4.6 m) Ground Cord
2 3049 Snap Kit
Size
Light Blue Gray
Green
24" x 48"
(0.6 m x 1.2 m)
770074
770090 770085
Specifications and procedures subject to change without notice.
Grounding: This material must be properly grounded for optimum electrical
performance. See Grounding Cords.
Cleaning: For optimum electrical performance, surface must be cleaned
regularly using a recommended ESD mat cleaner. Do not use cleaners with
silicone. Silicone buildup will create an insulative film on the surface.
Mat Kits are laser engraved for
branding and auditing purposes.
Light Blue
Gray
Dark Blue


Numéro de pièce similaire - LPCGC151M

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
LPC VCC-LPC Datasheet
78Kb / 1P
VERTICAL CLIPLITE 4MM LITEPIPE
logo
Marl International Limi...
LPC MARL-LPC Datasheet
78Kb / 1P
CLIPLITE 4MM LITEPIPE VERTICAL
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
logo
Automatic Timing & Cont...
LPC ATC-LPC Datasheet
343Kb / 1P
Liquid Level Pump Controller
logo
IDEM Safety Switches
LPC IDEM-SAFETY-LPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
More results

Description similaire - LPCGC151M

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
MC3 OMRON-MC3 Datasheet
1Mb / 12P
Safety Mat/Safety Mat Controller
logo
3M Electronics
8300 3M-8300 Datasheet
807Kb / 16P
Static Dissipative Rigid Worksurface 8300 Series
Feb-2006
logo
List of Unclassifed Man...
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
66121 ETC2-66121 Datasheet
38Kb / 2P
STATFREE T2 MATERIAL, LEAD-FREE, DISSIPATIVE, RUBBER, 2-LAYER
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
66030 ETC2-66030 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com