Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P10-AVMP6G/Y Fiches technique(PDF) 18 Page - Numonyx B.V

No de pièce M25P10-AVMP6G/Y
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6G/Y Fiches technique(HTML) 18 Page - Numonyx B.V

Back Button M25P10-AVMP6G/Y Datasheet HTML 14Page - Numonyx B.V M25P10-AVMP6G/Y Datasheet HTML 15Page - Numonyx B.V M25P10-AVMP6G/Y Datasheet HTML 16Page - Numonyx B.V M25P10-AVMP6G/Y Datasheet HTML 17Page - Numonyx B.V M25P10-AVMP6G/Y Datasheet HTML 18Page - Numonyx B.V M25P10-AVMP6G/Y Datasheet HTML 19Page - Numonyx B.V M25P10-AVMP6G/Y Datasheet HTML 20Page - Numonyx B.V M25P10-AVMP6G/Y Datasheet HTML 21Page - Numonyx B.V M25P10-AVMP6G/Y Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Instructions
M25P10-A
18/51
6.2
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 8) resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under the following conditions:
●
Power-up
●
Write Disable (WRDI) instruction completion
●
Write Status Register (WRSR) instruction completion
●
Page Program (PP) instruction completion
●
Sector Erase (SE) instruction completion
●
Bulk Erase (BE) instruction completion
Figure 8.
Write Disable (WRDI) instruction sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51