Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QIPDF Fiches technique(PDF) 3 Page - Pentair Equipment Protection - Hoffman

No de pièce QIPDF
Description  QLINE I, Type 4X
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Site Internet  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

QIPDF Fiches technique(HTML) 3 Page - Pentair Equipment Protection - Hoffman

  QIPDF Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Polycarbonate and abS QLINE I
Spec-00411 H
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
non-Metallic
3
Catalog Number
AxBxC mm/in.
Cover
Style Cover Type
External
Dim’s
L x W
mm/in.
Panel
Panel
Size
D x E
mm/in.
Extension
Ring
Mounting
G x H
mm/in.
F
mm/in.
P
mm/in.
Q
mm/in.
R
mm/in.
S
mm/in.
T
mm/in.
U
mm/in.
Y
mm/in.
Z
mm/in.
Q603013PCIQRR
300 x 600 x 130
11.81 x 23.62 x 5.12
Opaque QR
Latch
600 x 300
23.62 x 11.81
Q6030PI 560 x 260
22.05 x 10.24
—
580 x 280
22.83 x 11.02
115
4.53
250
9.84
550
21.65
240
9.45
540
21.26
220
8.66
510
20.08
200
7.87
500
19.69
Q603013PCIQRCCR 300 x 600 x 130
11.81 x 23.62 x 5.12
Clear
QR
Latch
600 x 300
23.62 x 11.81
Q6030PI 560 x 260
22.05 x 10.24
—
580 x 280
22.83 x 11.02
115
4.53
250
9.84
550
21.65
240
9.45
540
21.26
220
8.66
510
20.08
200
7.87
500
19.69
Q604013PCIQRR
400 x 600 x 130
15.75 x 23.62 x 5.12
Opaque QR
Latch
600 x 400
23.62 x 15.75
Q6040PI 560 x 360
22.05 x 14.17
—
580 x 380
22.83 x 14.96
115
4.53
350
13.78
550
21.65
340
13.39
540
21.26
320
12.60
510
20.08
300
11.81
500
19.69
Q604013PCIQRCCR 400 x 600 x 130
15.75 x 23.62 x 5.12
Clear
QR
Latch
600 x 400
23.62 x 15.75
Q6040PI 560 x 360
22.05 x 14.17
—
580 x 380
22.83 x 14.96
115
4.53
350
13.78
550
21.65
340
13.39
540
21.26
320
12.60
510
20.08
300
11.81
500
19.69
Q202018PCIQRR
200 x 200 x 180
7.87 x 7.87 x 7.09
Opaque QR
Latch
200 x 200
7.87 x 7.87
Q2020PI 160 x 160
6.30 x 6.30
—
180 x 180
7.09 x 7.09
115
6.50
150
5.91
150
5.91
140
5.51
140
5.51
120
4.72
110
4.33
100
3.94
100
3.94
Q202018PCIQRCCR 200 x 200 x 180
7.87 x 7.87 x 7.09
Clear
QR
Latch
200 x 200
7.87 x 7.87
Q2020PI 160 x 160
6.30 x 6.30
—
180 x 180
7.09 x 7.09
165
6.50
150
5.91
150
5.91
140
5.51
140
5.51
120
4.72
110
4.33
100
3.94
100
3.94
Q302018PCIQRR
200 x 300 x 180
7.87 x 11.81 x 7.09
Opaque QR
Latch
300 x 200
11.81 x 7.87
Q3020PI 260 x 160
10.24 x 6.30
—
280 x 180
11.02 x 7.09
165
6.50
150
5.91
250
9.84
140
5.51
240
9.45
120
4.72
110
4.33
100
3.94
200
7.87
Q302018PCIQRCCR 200 x 300 x 180
7.87 x 11.81 x 7.09
Clear
QR
Latch
300 x 200
11.81 x 7.87
Q3020PI 260 x 160
10.24 x 6.30
—
280 x 180
11.02 x 7.09
165
6.50
150
5.91
250
9.84
140
5.51
240
9.45
120
4.72
110
4.33
100
3.94
200
7.87
Q402018PCIQRR
200 x 400 x 180
7.87 x 15.75 x 7.09
Opaque QR
Latch
400 x 200
15.75 x 7.87
Q4020PI 360 x 160
14.17 x 6.30
—
380 x 180
14.96 x 7.09
165
6.50
150
5.91
350
13.78
140
5.51
340
13.39
120
4.72
310
12.20
100
3.94
300
11.81
Q402018PCIQRCCR 200 x 400 x 180
7.87 x 15.75 x 7.09
Clear
QR
Latch
400 x 200
15.75 x 7.87
Q4020PI 360 x 160
14.17 x 6.30
—
380 x 180
14.96 x 7.09
165
6.50
150
5.91
350
13.78
140
5.51
340
13.39
120
4.72
310
12.20
100
3.94
300
11.81
Q303018PCIQRR
300 x 300 x 180
11.81 x 11.81 x 7.09
Opaque QR
Latch
300 x 300
11.81 x 11.81
Q3030PI 260 x 260
10.24 x 10.24
—
280 x 280
11.02 x 11.02
165
6.50
250
9.84
250
9.84
240
9.45
240
9.45
220
8.66
210
8.27
200
7.87
200
7.87
Q303018PCIQRCCR 300 x 300 x 180
11.81 x 11.81 x 7.09
Clear
QR
Latch
300 x 300
11.81 x 11.81
Q3030PI 260 x 260
10.24 x 10.24
—
280 x 280
11.02 x 11.02
165
6.50
250
9.84
250
9.84
240
9.45
240
9.45
220
8.66
210
8.27
200
7.87
200
7.87
Q403018PCIQRR
300 x 400 x 180
11.81 x 15.75 x 7.09
Opaque QR
Latch
400 x 300
15.75 x 11.81
Q4030PI 360 x 260
14.17 x 10.24
—
380 x 280
14.96 x 11.02
165
6.50
250
9.84
350
13.78
240
9.45
340
13.39
220
8.66
310
12.20
200
7.87
300
11.81
Q403018PCIQRCCR 300 x 400 x 180
11.81 x 15.75 x 7.09
Clear
QR
Latch
400 x 300
15.75 x 11.81
Q4030PI 360 x 260
14.17 x 10.24
—
380 x 280
14.96 x 11.02
165
6.50
250
9.84
350
13.78
240
9.45
340
13.39
220
8.66
310
12.20
200
7.87
300
11.81
Q603018PCIQRR
300 x 600 x 180
11.81 x 23.62 x 7.09
Opaque QR
Latch
600 x 300
23.62 x 11.81
Q6030PI 560 x 260
22.05 x 10.24
—
580 x 280
22.83 x 11.02
165
6.50
250
9.84
550
21.65
240
9.45
540
21.25
220
8.66
510
20.08
200
7.87
500
19.69
Q603018PCIQRCCR 300 x 600 x 180
11.81 x 23.62 x 7.09
Clear
QR
Latch
600 x 300
23.62 x 11.81
Q6030PI 560 x 260
22.05 x 10.24
—
580 x 280
22.83 x 11.02
165
6.50
250
9.84
550
21.65
240
9.45
540
21.26
220
8.66
510
20.08
200
7.87
500
19.69
Q604018PCIQRR
400 x 600 x 180
15.75 x 23.62 x 7.09
Opaque QR
Latch
600 x 400
23.62 x 15.75
Q6040PI 560 x 360
22.05 x 14.17
—
580 x 380
22.83 x 14.96
165
6.50
350
13.78
550
21.65
340
13.39
540
21.28
320
12.60
510
20.08
300
11.81
500
19.69
Q604018PCIQRCCR 400 x 600 x 180
15.75 x 23.62 x 7.09
Clear
QR
Latch
600 x 400
23.62 x 15.75
Q6040PI 560 x 360
22.05 x 14.17
—
580 x 380
22.83 x 14.96
165
6.50
350
13.78
550
21.65
340
13.39
540
21.26
320
12.60
510
20.08
300
11.81
500
19.69
A x B x C are internal dimensions.
Purchase panels and extension rings separately.



Html Pages

1 2 3 4 5 6 7 8