| Moteur de recherche de fiches techniques de composants électroniques |
|
LM11A-A Fiches technique(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LM11A-A Fiches technique(HTML) 2 Page - OSRAM GmbH |
|
2 / 4 page ![]() Drawing Drawing is missing !!! Operating Temperature at Tc-Point [ °C ] * Storage Temperature [ °C ] * Product Voltage Range [ V dc ] * Reverse Voltage [ V dc ] * Minimum and Maximum Ratings LM11A-W3-865 10 11 0 ... -30 70 -40 85 ... ... LM11A-W1-865** 10 11 11 ... -30 70 -40 85 ... ... LM11A-W3-854 10 11 0 ... -30 70 -40 85 ... ... LM11A-W1-854** 10 11 11 ... -30 70 -40 85 ... ... LM11A-W3-847 10 11 0 ... -30 70 -40 85 ... ... LM11A-W1-847** 10 11 11 ... -30 70 -40 85 ... ... LM11A-A 10 11 11 ... -30 80 -40 85 ... ... LM11A-Y1 10 11 11 ... -30 80 -40 85 ... ... LM11A-T 10 11 11 ... -30 70 -40 85 ... ... LM11A-B 10 11 11 ... -30 70 -40 85 ... ... Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module. Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED Module. The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label. For exact location of the Tc-point see drawing below. *) Page 2 of 4 LM11A - 25.03.2008 |