| Moteur de recherche de fiches techniques de composants électroniques |
|
HB30C4AB Fiches technique(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
HB30C4AB Fiches technique(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 5 page ![]() 4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered Product ID: HB30C4AB Here’s a must-have accessory if you have a USB-C™ equipped computer but need more USB-A ports. This portable USB 3.0 hub expands your laptop or desktop connectivity by adding four USB Type-A ports through a single USB Type-C™ or Thunderbolt™ 3 port. And, because it’s USB bus-powered, you don’t need to connect an external power adapter, which makes travel more convenient and workstations less cluttered. Keep using your current peripherals and devices If you’re looking to extend the life of your existing USB-A peripheral devices, then this hub is the perfect solution. By converting your computer’s USB-C port into four USB-A ports, you can continue to use all of your existing USB 3.0 devices such as flash drives, external hard drives, and printers (USB 3.0 is also known as USB 3.1 Gen 1). Now you can save money by avoiding the added cost and hassle of purchasing new USB-C equipped peripherals. www.startech.com/uk 0800 169 0408 |
Numéro de pièce similaire - HB30C4AB |
|
Description similaire - HB30C4AB |