| Moteur de recherche de fiches techniques de composants électroniques |
|
M25PE20-VMP6TP Fiches technique(PDF) 1 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
M25PE20-VMP6TP Fiches technique(HTML) 1 Page - Numonyx B.V |
|
1 / 64 page ![]() March 2008 Rev 5 1/64 1 M25PE20 M25PE10 1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout Features ■ 1 or 2 Mbit of page-erasable Flash memory ■ 2.7 V to 3.6 V single supply voltage ■ SPI bus compatible serial interface ■ 75 MHz clock rate (maximum) ■ Page size: 256 bytes – Page Write in 11 ms (typical) – Page Program in 0.8 ms (typical) – Page Erase in 10 ms (typical) ■ SubSector Erase (32 Kbits) ■ Sector Erase (512 Kbits) ■ Bulk Erase (1 Mbit for M25PE10, 2 Mbits for M25PE20) ■ Deep Power-down mode 1 µA (typical) ■ Electronic signature – JEDEC standard two-byte signature (8012h for M25PE20, 8011h for M25PE10) – Unique ID code (UID) with 16 bytes read- only, available upon customer request only in the T9HX process ■ Software write protection on a 64-Kbyte sector basis ■ More than 100 000 Write cycles ■ More than 20 years data retention ■ Hardware write protection of the memory area selected using the BP0 and BP1 bits ■ Package – ECOPACK® (RoHS compliant) SO8N (MN) 150 mil width VFQFPN8 (MP) 6 × 5 mm www.numonyx.com |
Numéro de pièce similaire - M25PE20-VMP6TP |
|
Description similaire - M25PE20-VMP6TP |