Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VPX1C2ABGY3B Fiches technique(PDF) 6 Page - Honeywell Solid State Electronics Center

No de pièce VPX1C2ABGY3B
Description  Valve Position Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

VPX1C2ABGY3B Fiches technique(HTML) 6 Page - Honeywell Solid State Electronics Center

  VPX1C2ABGY3B Datasheet HTML 1Page - Honeywell Solid State Electronics Center VPX1C2ABGY3B Datasheet HTML 2Page - Honeywell Solid State Electronics Center VPX1C2ABGY3B Datasheet HTML 3Page - Honeywell Solid State Electronics Center VPX1C2ABGY3B Datasheet HTML 4Page - Honeywell Solid State Electronics Center VPX1C2ABGY3B Datasheet HTML 5Page - Honeywell Solid State Electronics Center VPX1C2ABGY3B Datasheet HTML 6Page - Honeywell Solid State Electronics Center VPX1C2ABGY3B Datasheet HTML 7Page - Honeywell Solid State Electronics Center VPX1C2ABGY3B Datasheet HTML 8Page - Honeywell Solid State Electronics Center VPX1C2ABGY3B Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 sensing.honeywell.com
Valve Position Indicator, VPX Series
Figure 2. Mounting Dimensions
CLOSED
75 [3.0] min.
to remove cover
95,8
[3.77]
Ø 105,8
[Ø 4.16]
52,0
[2.05]
4,5
[0.18]
2 X 32,5
[1.28]
65,0 [2.56]
29,0
[1.14]
140,0
[5.51]
Conduit Position “C”
Conduit
Position “D”
Conduit
Position “B”
Conduit
Position “A”
35,36
[1.392]
140,0
[5.51]
57,15
[2.25]
57,15
[2.25]
35,36
[1.392]
4 X M6 x 1 8
4 X M8 x 1.25
8



Html Pages

1 2 3 4 5 6 7 8 9