Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78M09CDT-1 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce L78M09CDT-1
Description  Positive voltage regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09CDT-1 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button L78M09CDT-1 Datasheet HTML 21Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 22Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 23Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 24Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 25Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 26Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 27Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 28Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
L78MxxC
Package mechanical data
25/29
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
B
0.64
0.9
0.025
0.035
B2
5.2
5.4
0.204
0.212
B3
0.95
0.037
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
99.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
IPAK mechanical data
0068771-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29