Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5983TR Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce L5983TR
Description  1.5A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5983TR Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button L5983TR Datasheet HTML 29Page - STMicroelectronics L5983TR Datasheet HTML 30Page - STMicroelectronics L5983TR Datasheet HTML 31Page - STMicroelectronics L5983TR Datasheet HTML 32Page - STMicroelectronics L5983TR Datasheet HTML 33Page - STMicroelectronics L5983TR Datasheet HTML 34Page - STMicroelectronics L5983TR Datasheet HTML 35Page - STMicroelectronics L5983TR Datasheet HTML 36Page - STMicroelectronics L5983TR Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Order codes
L5983
35/37
7
Order codes
Table 10.
Order codes
Order codes
Package
Packaging
L5983
VFQFPN8 (3x3x1.08)
Tube
L5983TR
VFQFPN8 (3x3x1.08)
Tube and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37