Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78M09CV Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce L78M09CV
Description  Positive voltage regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09CV Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button L78M09CV Datasheet HTML 13Page - STMicroelectronics L78M09CV Datasheet HTML 14Page - STMicroelectronics L78M09CV Datasheet HTML 15Page - STMicroelectronics L78M09CV Datasheet HTML 16Page - STMicroelectronics L78M09CV Datasheet HTML 17Page - STMicroelectronics L78M09CV Datasheet HTML 18Page - STMicroelectronics L78M09CV Datasheet HTML 19Page - STMicroelectronics L78M09CV Datasheet HTML 20Page - STMicroelectronics L78M09CV Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
L78MxxC
Package mechanical data
17/29
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29