Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2901 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce LM2901
Description  LOW POWER QUAD VOLTAGE COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2901 Fiches technique(HTML) 2 Page - STMicroelectronics

  LM2901 Datasheet HTML 1Page - STMicroelectronics LM2901 Datasheet HTML 2Page - STMicroelectronics LM2901 Datasheet HTML 3Page - STMicroelectronics LM2901 Datasheet HTML 4Page - STMicroelectronics LM2901 Datasheet HTML 5Page - STMicroelectronics LM2901 Datasheet HTML 6Page - STMicroelectronics LM2901 Datasheet HTML 7Page - STMicroelectronics LM2901 Datasheet HTML 8Page - STMicroelectronics LM2901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
LM2901
2/12
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18 to 36
V
VID
Differential Input Voltage
±36
V
VI
Input Voltage
-0.3 to +36
V
Output Short-circuit to Ground (1)
1.
Short-circuit from the output to Vcc
+ can cause excessive heating and eventual destruction. The maximum
output current is approximately 20mA, independent of the magnitude of Vcc
+
Pd
Power Dissipation (2)
DIP14
SO-14
TSSOP14
2.
Pd is calculated with T
amb = +25°C, Tj = +150°C and
R
thja = 80°C/W for DIP14 package
R
thja = 150°C/W for SO-14 package
R
thja = 175°C/W for TSSOP14 package
1500
830
710
mW
TJ
Junction Temperature
+150
°C
Tstg
Storage Temperature Range
-65 to +150
°C
ESD
HBM: Human Body Model(3)
3.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
1.5
Kv
MM: Machine Model(4)
4.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with
no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
100
V
CDM: Charged Device Model
1500
V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 32
±1 to ±16
V
Vicm
Common Mode Input Voltage Range
0 to (VCC
+ -1.5)
V
Toper
Operating Free-Air Temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12