Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM346 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce LM346
Description  PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM346 Fiches technique(HTML) 8 Page - STMicroelectronics

  LM346 Datasheet HTML 1Page - STMicroelectronics LM346 Datasheet HTML 2Page - STMicroelectronics LM346 Datasheet HTML 3Page - STMicroelectronics LM346 Datasheet HTML 4Page - STMicroelectronics LM346 Datasheet HTML 5Page - STMicroelectronics LM346 Datasheet HTML 6Page - STMicroelectronics LM346 Datasheet HTML 7Page - STMicroelectronics LM346 Datasheet HTML 8Page - STMicroelectronics LM346 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACKAGE MECHANICAL DATA
16 PINS - PL ASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
LM146 - LM246 - LM346
8/9



Html Pages

1 2 3 4 5 6 7 8 9