Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P50-40-R1-EA Fiches technique(PDF) 2 Page - 3M Electronics

No de pièce P50-40-R1-EA
Description  3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

P50-40-R1-EA Fiches technique(HTML) 2 Page - 3M Electronics

  P50-40-R1-EA Datasheet HTML 1Page - 3M Electronics P50-40-R1-EA Datasheet HTML 2Page - 3M Electronics P50-40-R1-EA Datasheet HTML 3Page - 3M Electronics P50-40-R1-EA Datasheet HTML 4Page - 3M Electronics P50-40-R1-EA Datasheet HTML 5Page - 3M Electronics P50-40-R1-EA Datasheet HTML 6Page - 3M Electronics P50-40-R1-EA Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Pak 50 Boardmount Plug
.050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
P50 Series
TS-2046-B
Sheet 2 of 5
Contact
Quantity
A
B
C
D
20
25.43
[1.001]
20.32
[0.800]
15.83
[0.623]
11.43
[0.450]
26
29.24
[1.151]
24.13
[0.950]
19.64
[0.773]
15.24
[0.600]
30
31.78
[1.251]
26.67
[1.050]
22.18
[0.873]
17.78
[0.700]
32
33.05
[1.301]
27.94
[1.100]
23.45
[0.923]
19.05
[0.750]
34
34.32
[1.351]
29.21
[1.150]
24.72
[0.973]
20.32
[0.800]
40
38.13
[1.501]
33.02
[1.300]
28.53
[1.123]
24.13
[0.950]
Contact
Quantity
A
B
C
D
50
44.48
[1.751]
39.37
[1.550]
34.88
[1.373]
30.48
[1.200]
52
45.75
[1.801]
40.64
[1.600]
36.15
[1.423]
31.75
[1.250]
60
50.83
[2.001]
45.72
[1.800]
41.23
[1.623]
36.83
[1.450]
68
55.91
[2.201]
50.80
[2.000]
46.31
[1.823]
41.91
[1.650]
80
63.53
[2.501]
58.42
[2.300]
53.93
[2.123]
49.53
[1.950]
100
76.23
[3.001]
71.12
[2.800]
66.63
[2.623]
62.23
[2.450]
With Retention Clips
Without Retention Clips
Shown with Retention Clips
Product Table / Dimensions for Straight with Flanges, with or without Retention Clips



Html Pages

1 2 3 4 5 6 7