Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VPX1C2ABBY2A Fiches technique(PDF) 7 Page - Honeywell Solid State Electronics Center

No de pièce VPX1C2ABBY2A
Description  Valve Position Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

VPX1C2ABBY2A Fiches technique(HTML) 7 Page - Honeywell Solid State Electronics Center

  VPX1C2ABBY2A Datasheet HTML 1Page - Honeywell Solid State Electronics Center VPX1C2ABBY2A Datasheet HTML 2Page - Honeywell Solid State Electronics Center VPX1C2ABBY2A Datasheet HTML 3Page - Honeywell Solid State Electronics Center VPX1C2ABBY2A Datasheet HTML 4Page - Honeywell Solid State Electronics Center VPX1C2ABBY2A Datasheet HTML 5Page - Honeywell Solid State Electronics Center VPX1C2ABBY2A Datasheet HTML 6Page - Honeywell Solid State Electronics Center VPX1C2ABBY2A Datasheet HTML 7Page - Honeywell Solid State Electronics Center VPX1C2ABBY2A Datasheet HTML 8Page - Honeywell Solid State Electronics Center VPX1C2ABBY2A Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Sensing and Internet of Things
7
Valve Position Indicator, VPX Series
ACCESSORIES
A mounting bracket kit is available as an accessory, Honeywell part number VPZB1.
Figure 3. Accessory Bracket
80,0
[3.15]
30,0
[1.18]
30,0
[1.18]
130,0
[5.12]
47 ±10
[1.8 ±0.3]
47 ±10
[1.8 ±0.3]
Table 5. Conduit Plug Accessories
Size
Honeywell
Part
Number
Tightening Specification
1/2-14 NPT
VPZPA
Hand tight and then 1 to 2 full turns using a wrench
3/4-14 NPT
VPZPB
Hand tight and then 1 to 2 full turns using a wrench
M20 x 1.5
VPZPC
Hand tight and then 1/4 to 1 full turn using a wrench
M25 x 1.5
VPZPD
Hand tight and then 1/4 to 1 full turn using a wrench



Html Pages

1 2 3 4 5 6 7 8 9