Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FLCD1 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 21Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 22Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 23Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 24Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 25Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 26Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 27Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 28Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
25/95
ST7FLCD1
Interrupts
The general sequence for clearing an interrupt is an access to the status register when the flag is
set followed by a read or write of the associated register. Note that the clearing sequence resets the
internal latch. A pending interrupt (i.e. waiting to be enabled) will therefore be lost if the Clear
sequence is executed.
Figure 10: Interrupt Processing Flowchart
From Reset
Execute Instruction
Restore PC, X, A, CC from Stack
Interrupt?
N
Y
I Bit set?
N
Y
Fetch Next Instruction
Y
N
This clears I bit by default
N
Y
IRET?
Stack PC, X, A, CC
Set I Bit
Load PC from Interrupt Vector
TRAP?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95