Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA328 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STA328
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Fiches technique(HTML) 3 Page - STMicroelectronics

  STA328 Datasheet HTML 1Page - STMicroelectronics STA328 Datasheet HTML 2Page - STMicroelectronics STA328 Datasheet HTML 3Page - STMicroelectronics STA328 Datasheet HTML 4Page - STMicroelectronics STA328 Datasheet HTML 5Page - STMicroelectronics STA328 Datasheet HTML 6Page - STMicroelectronics STA328 Datasheet HTML 7Page - STMicroelectronics STA328 Datasheet HTML 8Page - STMicroelectronics STA328 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3/41
STA328
Figure 4. Channel Signal Flow through the EQ Block
Figure 5. 2-Channel (Full-bridge) Power, OCFG(1…0) = 00
Figure 6. - 2.1-Channel Power Configuration OCFG(1…0) = 01
Figure 7. 1-Channel Mono-Parallel Configuration, OCFG(1…0) = 11
Pre
Scale
High-P ass
Filter
BQ#1
BQ#2
Bass
Filt er
De-
Emphasis
Treble
Filter
Re-sampled
Input
To
Mix
BQ#4
BQ#3
If HPB = 0
4 Biquads
User defined if AMEQ = 00
P reset EQ if AMEQ = 01
Auto Loudness if AMEQ = 10
If DEMP = 1
If CxT CB = 0
BT C: Bass Boost/Cut
TT C: Treble Boost/Cut
If DSPB = 0 & CxEQB = 0
Half
Bridge
Half
Bridge
Half
Bridge
Half
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
Channel 2
Channel 1
Half
Bridge
Half
Bridge
Half
Bridge
Half
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
Channel 2
Channel 1
Half
Bridge
Half
Bridge
Half
Bridge
Half
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
Channel 3
Channel 1
Channel 2
Half
Bridge
Half
Bridge
Half
Bridge
Half
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41