Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA33013TR Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce STA33013TR
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA33013TR Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button STA33013TR Datasheet HTML 47Page - STMicroelectronics STA33013TR Datasheet HTML 48Page - STMicroelectronics STA33013TR Datasheet HTML 49Page - STMicroelectronics STA33013TR Datasheet HTML 50Page - STMicroelectronics STA33013TR Datasheet HTML 51Page - STMicroelectronics STA33013TR Datasheet HTML 52Page - STMicroelectronics STA33013TR Datasheet HTML 53Page - STMicroelectronics STA33013TR Datasheet HTML 54Page - STMicroelectronics STA33013TR Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Package information
STA330
52/55
Table 17.
VFQFPN52 dimensions
Reference
Dimensions in mm
Dimensions in inches
Min
Typical
Max
Min
Typical
Max
A
0.800
0.900
1.000
0.031
0.035
0.039
A1
0.020
0.050
0.001
0.002
A2
0.650
1.000
0.026
0.039
A3
0.250
0.010
b
0.180
0.230
0.300
0.007
0.009
0.012
D
7.875
8.000
8.125
0.310
0.315
0.320
D2
2.750
5.700
6.250
0.108
0.224
0.246
E
7.875
8.000
8.125
0.310
0.315
0.320
E2
2.750
5.700
6.250
0.108
0.224
0.246
e
0.450
0.500
0.550
0.018
0.020
0.022
L
0.350
0.550
0.750
0.014
0.022
0.030
ddd
0.080
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55