Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM237 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LM237
Description  THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM237 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LM237 Datasheet HTML 6Page - STMicroelectronics LM237 Datasheet HTML 7Page - STMicroelectronics LM237 Datasheet HTML 8Page - STMicroelectronics LM237 Datasheet HTML 9Page - STMicroelectronics LM237 Datasheet HTML 10Page - STMicroelectronics LM237 Datasheet HTML 11Page - STMicroelectronics LM237 Datasheet HTML 12Page - STMicroelectronics LM237 Datasheet HTML 13Page - STMicroelectronics LM237 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
6.6
0.260
E
8.5
0.334
F
9.4
0.370
G
5.08
0.200
H
1.2
0.047
I
0.9
0.035
L45
o (typ.)
L
G
I
DA
H
TO39 MECHANICAL DATA
P008B
LM137-LM237-LM337
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14