| Moteur de recherche de fiches techniques de composants électroniques |
|
LM224 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM224 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter LM124 LM224 LM324 Unit Vcc Supply Voltage ±16 or 32 V Vi Input Voltage -0.3 to +32 V Vid Differential Input Voltage - (*) +32 +32 +32 V Ptot Power Dissipation N Suffix D Suffix 500 - 500 400 500 400 mW mW - Output Short-circuit Duration - (note 1) Infinite Iin Input Current – (note 6) 50 50 50 mA Toper Operating Free Air Temperature Range -55 to +125 -40 to +105 0 to +70 oC Tstg Storage Temperature Range -65 to +150 -65 to +150 -65 to +150 oC 6 µA 4 µA 10 0 µA Q2 Q3 Q4 Q1 Inve rting inpu t Non-inve rting inpu t Q8 Q9 Q10 Q1 1 Q12 50 µA Q1 3 Outp ut Q7 Q6 Q5 R SC V CC C C GND SCHEMATIC DIAGRAM (1/4 LM124) LM124 - LM224 - LM324 2/14 |