Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP60NF06 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STP60NF06
Description  N-channel 60V - 0.014Ω - 60A TO-220 STripFET II??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP60NF06 Fiches technique(HTML) 4 Page - STMicroelectronics

  STP60NF06 Datasheet HTML 1Page - STMicroelectronics STP60NF06 Datasheet HTML 2Page - STMicroelectronics STP60NF06 Datasheet HTML 3Page - STMicroelectronics STP60NF06 Datasheet HTML 4Page - STMicroelectronics STP60NF06 Datasheet HTML 5Page - STMicroelectronics STP60NF06 Datasheet HTML 6Page - STMicroelectronics STP60NF06 Datasheet HTML 7Page - STMicroelectronics STP60NF06 Datasheet HTML 8Page - STMicroelectronics STP60NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STP60NF06
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 250 µA, VGS = 0
60
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
1
µA
VDS=Max rating, TC=125°C
10
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±20V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
2
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 30A
0.014
0.016
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VDS = 15V, ID=30A
50
S
Ciss
Input capacitance
VDS = 25V, f = 1 MHz,
VGS = 0
1660
pF
Coss
Output capacitance
400
pF
Crss
Reverse transfer
capacitance
140
pF
Qg
Total gate charge
VDD = 30V, ID = 60A,
VGS = 10V
(see Figure 12)
54
73
nC
Qgs
Gate-source charge
9
nC
Qgd
Gate-drain charge
23
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 30V, ID = 30A
RG =4.7Ω VGS = 10V
(see Figure 11)
15
65
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
VDD = 30V, ID = 30A,
RG =4.7Ω, VGS =10V
(see Figure 11)
45
20
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12