Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR710-EVAL Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STR710-EVAL
Description  Evaluation Board for STR71xF
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710-EVAL Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STR710-EVAL Datasheet HTML 11Page - STMicroelectronics STR710-EVAL Datasheet HTML 12Page - STMicroelectronics STR710-EVAL Datasheet HTML 13Page - STMicroelectronics STR710-EVAL Datasheet HTML 14Page - STMicroelectronics STR710-EVAL Datasheet HTML 15Page - STMicroelectronics STR710-EVAL Datasheet HTML 16Page - STMicroelectronics STR710-EVAL Datasheet HTML 17Page - STMicroelectronics STR710-EVAL Datasheet HTML 18Page - STMicroelectronics STR710-EVAL Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
STR710-EVAL
3 Connectors
14/27
3.4
RS232 serial data connector
9-pin general purpose D-type male connectors
3.5
Debug
Figure 9.
RS232 transmit and receive connectors: CN7, CN8
Table 10.
RS232 connector pinout: CN7, CN8
Pin
Description
Pin
Description
Pin
Description
1
Shorted to pin 4 and 6
4
Shorted to pin 1 and 6
7
Shorted to pin 8
2
R1IN (port A), R2IN (port B)
5
GROUND
8
Shorted to pin 7
3
T1OUT (port A), T2OUT (port B) 6
Shorted to pin 1 and 4
9
Not connected
Figure 10. JTAG standard interface: CN9
Table 11.
JTAG interface pinout: CN9
Pin
Description
Pin
Description
4, 6, 8, 10, 12, 14,
16, 18, 20
GROUND
9
TCK
1
VTref+3.3 V
11
RTCK (GROUND)
2
Vsupply +3.3 V
13
TD0
3
notTRST
15
notTReset
5
TDI
17
DBGRQS pulled down
7
TMS
19
Pulled down
RS232 - Data A
RS232 - Data B
5
4
3
2
1
9
8
7
6
5
4
3
2
1
9
8
7
6
1
2
3
4
5
6
7
8
9
10
11
12
14
16
18
20
13
15
17
19
Debug-JTAG port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27