Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

313 Fiches technique(PDF) 2 Page - Marathon Special Products

No de pièce 313
Description  Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARATHON [Marathon Special Products]
Site Internet  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

313 Fiches technique(HTML) 2 Page - Marathon Special Products

  313 Datasheet HTML 1Page - Marathon Special Products 313 Datasheet HTML 2Page - Marathon Special Products 313 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wire Range:
Copper Wire Stranding Classes - Number of Conductors
Wire Size
Torque
Solid
Class B
Class C
10
20 in. lbs
1
1
12
20 in. lbs
1
1
14
20 in. lbs
1
1
Mounting:
Suggested product mounting hardware: #8 fastener, torque to 15-20 in. lbs.
Accessories:
• Printing (for printing options, see Terminal Block Printing)
http://marathonsp.com/CatalogPDFs/TBPrinting.pdf
• Marking strips (Sub mounted or Top mounted)
http://marathonsp.com/CatalogPDFs/TopMountedMS.pdf
http://marathonsp.com/CatalogPDFs/SubMounted.pdf
• Cover – top mounted. Order CW (white) or CB (Black). Can be printed.
http://marathonsp.com/CatalogPDFs/TopMountedCover.pdf
• Phil-Slot Brass Screw (PSB)



Html Pages

1 2 3