Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS672LSB Fiches technique(PDF) 11 Page - Allegro MicroSystems

No de pièce ATS672LSB
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB Fiches technique(HTML) 11 Page - Allegro MicroSystems

Back Button ATS672LSB Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB Datasheet HTML 12Page - Allegro MicroSystems ATS672LSB Datasheet HTML 13Page - Allegro MicroSystems ATS672LSB Datasheet HTML 14Page - Allegro MicroSystems ATS672LSB Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
10
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
SENSOR EVALUATION: ACCURACY
The self-calibration algorithm allows the sensor to adapt to
system changes such as air gap increase. However, major
changes in air gap can adversely affect switching performance.
When characterizing sensor performance over a significant air
gap range, be sure to power-off and then power-on the device at
each air gap. This ensures that self-calibration occurs for each
installation condition. See the Operating Charactersitics table for
information on timing accuracy performance.
Edge Position vs. Air Gap
Electrical Rising Edge (Mechanical Falling Edge)
103
103.2
103.4
103.6
103.8
104
104.2
104.4
104.6
104.8
105
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Air Gap (mm)
ROOM
150ºC
-40ºC
Edge Position vs. Air Gap
Electrical Falling Edge (Rising Mechanical Edge)
ATS672LSB; 8X Reference Target
125
125.2
125.4
125.6
125.8
126
126.2
126.4
126.6
126.8
127
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Air Gap (mm))
ROOM
150ºC
-40ºC
ATS672LSB; 8X Reference Target
Target
Relative Timing Accuracy
Device Output
T
AbsRise (Max - Min)
T
AbsFall (Max - Min)
Tooth
Operational Air Gap
Valley
Air Gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15