Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSSOP14 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TSSOP14
Description  14-LEAD THIN SHRINK SMALL OUTLINE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSSOP14 Fiches technique(HTML) 4 Page - STMicroelectronics

  TSSOP14 Datasheet HTML 1Page - STMicroelectronics TSSOP14 Datasheet HTML 2Page - STMicroelectronics TSSOP14 Datasheet HTML 3Page - STMicroelectronics TSSOP14 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TSSOP14 PACKAGE AND PACKING INFORMATION
4/4
FOOTPRINT DATA
mm.
inch
A
7.26
0.286
B
4.93
0.194
C
0.36
0.014
D
0.65
0.025
E
4.26
0.168
FOOTPRINT RECOMMENDED DATA



Html Pages

1 2 3 4