Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

84C44X Fiches technique(PDF) 37 Page - NXP Semiconductors

No de pièce 84C44X
Description  8-bit microcontrollers with OSD and VST
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

84C44X Fiches technique(HTML) 37 Page - NXP Semiconductors

Back Button 84C44X Datasheet HTML 30Page - NXP Semiconductors 84C44X Datasheet HTML 31Page - NXP Semiconductors 84C44X Datasheet HTML 32Page - NXP Semiconductors 84C44X Datasheet HTML 33Page - NXP Semiconductors 84C44X Datasheet HTML 34Page - NXP Semiconductors 84C44X Datasheet HTML 35Page - NXP Semiconductors 84C44X Datasheet HTML 36Page - NXP Semiconductors 84C44X Datasheet HTML 37Page - NXP Semiconductors 84C44X Datasheet HTML 38Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
October 1994
38
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
18 PACKAGE OUTLINE
Fig.36 Plastic shrink dual in-line package; 42 leads (600 mil); SDIP42 (SOT270-1).
handbook, full pagewidth
1
22
21
1.3 max
14.1
13.7
4.57
max
5.08
max
0.51
min
3.2
2.9
0.18 M
0.53
max
1.778
(40x)
1.73
max
15.80
15.24
0.32 max
15.24
17.15
15.90
MSA268 - 1
42
39.0
38.4
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38