| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7-EPB Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7-EPB Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 15 page ![]() ST7-EPB Appendix B Safety Requirements UM0028 Rev 4 13/15 Appendix B Safety Requirements ● Any tester, equipment, or tool used at any production step, or for any manipulation of semiconductor devices, must have its shield connected to ground. ● The product must be placed on a conductive table top, made of steel or clean aluminum, or covered by an antistatic surface (superficial resistivity equal to or higher than 0.5 M Ω/cm2), grounded through a ground cable (conductive cable from protected equipment to ground isolated with a 1 M Ω resistor placed in series). All manipulation of finished goods goods must be done at such a grounded worktable. ● The worktable must be free of all non-antistatic plastic objects. ● An antistatic floor covering grounded through a conductive ground cable (with serial resistor between 0.9 and 1.5 M Ω) should be used. ● It is recommended that you wear an antistatic wrist or ankle strap, connected to the antistatic floor covering or to the grounded equipment. ● If no antistatic wrist or ankle strap is worn, before each manipulation of the powered-on tool, touch the surface of the grounded worktable. ● It is recommended that antistatic gloves or finger coats be worn. ● It is recommended that nylon clothing be avoided while performing any manipulation of parts. www.st.com |