| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2504 Fiches technique(PDF) 38 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2504 Fiches technique(HTML) 38 Page - SMSC Corporation |
|
38 / 46 page ![]() Integrated USB 2.0 Compatible 4-Port Hub Datasheet Revision 2.3 (08-27-07) 38 SMSC USB2504/USB2504A DATASHEET 5. Moves device from suspended to active (if suspended). 6. Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset sequence. The Host then configures the Hub and the Hub’s downstream port devices in accordance with the USB Specification. |