Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL6624QOMH Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VL6624QOMH
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624QOMH Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VL6624QOMH Datasheet HTML 17Page - STMicroelectronics VL6624QOMH Datasheet HTML 18Page - STMicroelectronics VL6624QOMH Datasheet HTML 19Page - STMicroelectronics VL6624QOMH Datasheet HTML 20Page - STMicroelectronics VL6624QOMH Datasheet HTML 21Page - STMicroelectronics VL6624QOMH Datasheet HTML 22Page - STMicroelectronics VL6624QOMH Datasheet HTML 23Page - STMicroelectronics VL6624QOMH Datasheet HTML 24Page - STMicroelectronics VL6624QOMH Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
VL6624/VS6624
Frame control
21/106
ViewLive Operation
ViewLive is an option which allows a different pipe setup bank to be applied to alternate
frames of the output data.
The controls for VIewLive function are found in the register bank where the fEnable register
allows the host to enable or disable the function and the binitialPipeSetupBank register
selects which pipe setup bank is output first.
When ViewLive is enabled the output data switches between
Pipe setup bank0 and Pipe
setup bank1 on each alternate frame.
Figure 5.
ViewLive frame output format
Interframe Blanking
Active Video
Pipe setup bank0
Interline
Blanking
Interline
Blanking
Interframe Blanking
Active Video
Pipe setup bank1
Frame output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More