Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6624 Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 63Page - STMicroelectronics VS6624 Datasheet HTML 64Page - STMicroelectronics VS6624 Datasheet HTML 65Page - STMicroelectronics VS6624 Datasheet HTML 66Page - STMicroelectronics VS6624 Datasheet HTML 67Page - STMicroelectronics VS6624 Datasheet HTML 68Page - STMicroelectronics VS6624 Datasheet HTML 69Page - STMicroelectronics VS6624 Datasheet HTML 70Page - STMicroelectronics VS6624 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 106 page
background image
VL6624/VS6624
Register map
67/106
Sensor setup
Image Stability [read only]
0x1493 (MSByte)
0x1494 (LSByte)
fpFlashBlueGain
Default value
0x3e8a (1.269531)
Purpose
BlueGain For FlashGun
Type
FLOAT
1.
Can be controlled in all stable states
Table 24.
White balance control parameters
Index
WBControlParameters(1)
Table 25.
Sensor setup
Index
SensorSetup(1)
0x1990
bBlackCorrectionOffset
Default value
0x00
Purpose
Black Correction Offset which would be added to the sensor pedestal to
get the RE Offset. This is to improve the black level.
Type
BYTE
1.
Can be controlled in all stable states
Table 26.
Image stability [read only]
Index
Image stability [read only]
0x1900
fWhiteBalanceStable
Default value
0x00
Purpose
Specifies that white balance system is stable/unstable
Type
CODED
Possible values
<0> Unstable
<1>Stable
0x1902
fExposureStable
Default value
0x00
Purpose
Specifies that white balance system is stable/unstable
Type
CODED
Possible values
<0> Unstable
<1>Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More