| Moteur de recherche de fiches techniques de composants électroniques |
|
PEX1P2 Fiches technique(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
PEX1P2 Fiches technique(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 4 page ![]() 1-Port Parallel PCIe Card - PCI Express to Parallel DB25 Adapter Card - Desktop Expansion LPT Controller for Printers, Scanners & Plotters - SPP/ECP - Standard/Low Profile Product ID: PEX1P2 This PCIe Parallel controller card installs into an available PCI-Express x1 slot in your computer and enables you to add DB25 parallel communication port to your system. The controller card features an Asix AX99100 chip and enables you to connect a DB25 device to your desktop computer. The parallel port port is ideal for connecting printers, scanners, plotters, point-of-sale terminals, PLCs, scientific sensors, medical equipment or oscilloscopes. The card can also be used in factories, to control or automate equipment. The parallel (LPT) port supports SPP/Byte/Nibble/ECP modes and is compatible with PCI Power Management 1.2 and IEEE 1284 for speeds up to 2.5Mbps. This add-on card includes both full-profile and low-profile installation brackets (full-profile bracket pre-installed) ensuring you can install it into either a full or low-profile PCIe 2.0 x1 slot (backward compatible with PCIe 1.1). For wide platform support the card is compatible with Windows (XP or higher), Windows Server (2003 or higher), and Linux (2.6.X or higher). PEX1P2 is backed by a StarTech.com lifetime warranty with free 24/5 multi-lingual North American based technical support. StarTech.com has been the IT professionals' choice for over 30 years. Certifications, Reports and Compatibility Applications • Connect printers, scanners, plotters, point-of-sale terminals, PLCs, scientific sensors, medical equipment or oscilloscopes to your computer • Use in factories to control or automate equipment |
Numéro de pièce similaire - PEX1P2 |
|
Description similaire - PEX1P2 |