Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMD16 Fiches technique(PDF) 2 Page - Chip Quik Inc.

No de pièce SMD16
Description  Material Safety
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHIPQUIK [Chip Quik Inc.]
Site Internet  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD16 Fiches technique(HTML) 2 Page - Chip Quik Inc.

  SMD16 Datasheet HTML 1Page - Chip Quik Inc. SMD16 Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Health Hazards (acute and chronic): Contact with dust & fumes may cause skin, eye and
respiratory irritation. Ingestion and/or inhalation of material or fumes may result in
"metal fume fever", flu like symptoms, insomnia, muscle weakness, nausea and abdominal
pain. Gross inhalation or ingestion may be toxic and can result in death. Symptoms of
toxicity may take hours or days to manifest. Chronic exposures, inhalation or ingestion,
may result in kidney, red blood cell, reproductive & nervous system effects. Health
effects may be cumulative over many exposures. Studies show that health risks vary by
individual. Minimize exposure as a precaution. See OSHA 29CFR 1910.1025(subpart Z) for
more information.
Carcinogenicity: not determined
NTP? no
IARC Monographs? Lead-suspect
Signs and symptoms of exposure: Inhalation-Nose & throat irritation, headache, dizziness,
difficulty breathing, coughning, flu like symptoms, metallic taste in mouth. Ingestion-
nausea, vomiting, cramps. Skin-redness, burning,rash. Eye-redness,tearing,blurred vision.
Medical Conditions Aggravated by exposure: Blood,kidney,reproductive &nervous system
conditions
Emergency first aid procedures:
Skin: Flush with water immediately - Seek medical attention if burns are present.
Eyes: Flush with water for 15 minutes - Seek medical attention
Ingestion: Drink large amounts of water, induce vomiting if practical-seek medical
attention. Never give anything by mouth to an unconscious person.
Inhalation: Remove to fresh air.
Support respiration if required - Seek medical
attention.
Section VII: Precautions for Safe Handling and Use
Steps to be taken if material is released or spilled: Vacuum, absorb or flush in
to a chemical sewer.
Do not use any method which will generate dust.
Waste Disposal Method: dispose of in accordance with all local state and federal
regulations
Other Precautions: Avoid skin & eye contact, inhalation & ingestion of material or fumes.
Wash thoroughly after use. Wash contaminated clothing before reuse. Avoid eating or
smoking in lead use area. Keep away from children.
Section VIII: Control Measures
Respiratory Protection (type): Dust mask for particulates. Metal fume/HEPA respirator for
fumes.
Ventilation
Local Exhaust preferred
Special: HEPA filters required
Mechanical:
OK
Other:
NE
Protective Gloves: impervious
Eye Protection: Goggles or face shield
Other Protective Clothing or Equipment: as required to avoid contact.
Work/Hygienic Practices: Wash after use. Follow good industrial hygienic practices.
Section IX: Additional Information
DOT/IATA Hazard Classification: This product is not listed as a DOT or IATA hazardous
material.
NFPA Classification (NFPA 325M,8
th
edition)(Health, Flammability, Reactivity): 2-0-0This
product contains components known to the state of California to cause cancer or
reproductive harm.
The information and recommendations contained within this publication have been compiled from sources believed
to be reliable and to represent the best information available to JOHNSON MANUFACTURING at the time of issue. No
warranty, guarantee, or representation is made by JOHNSON MANUFACTURING nor does JOHNSON MANUFACTURING assume
any responsibility in connection therewithin; nor can it be assumed that all acceptable safety measures or other
safety measures may not be required under particular or exceptional conditions or circumstances.
NE = not
established
NA = not applicable



Html Pages

1 2