| Moteur de recherche de fiches techniques de composants électroniques |
|
SMD8 Fiches technique(PDF) 2 Page - Chip Quik Inc. |
|
|
|||||||||||||||||||||||||||||
SMD8 Fiches technique(HTML) 2 Page - Chip Quik Inc. |
|
2 / 2 page ![]() Health Hazards (acute and chronic): Contact with dust & fumes may cause skin, eye and respiratory irritation. Ingestion and/or inhalation of material or fumes may result in "metal fume fever", flu like symptoms, insomnia, muscle weakness, nausea and abdominal pain. Gross inhalation or ingestion may be toxic and can result in death. Symptoms of toxicity may take hours or days to manifest. Chronic exposures, inhalation or ingestion, may result in kidney, red blood cell, reproductive & nervous system effects. Health effects may be cumulative over many exposures. Studies show that health risks vary by individual. Minimize exposure as a precaution. See OSHA 29CFR 1910.1025(subpart Z) for more information. Carcinogenicity: not determined NTP? no IARC Monographs? Lead-suspect Signs and symptoms of exposure: Inhalation-Nose & throat irritation, headache, dizziness, difficulty breathing, coughning, flu like symptoms, metallic taste in mouth. Ingestion- nausea, vomiting, cramps. Skin-redness, burning,rash. Eye-redness,tearing,blurred vision. Medical Conditions Aggravated by exposure: Blood,kidney,reproductive &nervous system conditions Emergency first aid procedures: Skin: Flush with water immediately - Seek medical attention if burns are present. Eyes: Flush with water for 15 minutes - Seek medical attention Ingestion: Drink large amounts of water, induce vomiting if practical-seek medical attention. Never give anything by mouth to an unconscious person. Inhalation: Remove to fresh air. Support respiration if required - Seek medical attention. Section VII: Precautions for Safe Handling and Use Steps to be taken if material is released or spilled: Vacuum, absorb or flush in to a chemical sewer. Do not use any method which will generate dust. Waste Disposal Method: dispose of in accordance with all local state and federal regulations Other Precautions: Avoid skin & eye contact, inhalation & ingestion of material or fumes. Wash thoroughly after use. Wash contaminated clothing before reuse. Avoid eating or smoking in lead use area. Keep away from children. Section VIII: Control Measures Respiratory Protection (type): Dust mask for particulates. Metal fume/HEPA respirator for fumes. Ventilation Local Exhaust preferred Special: HEPA filters required Mechanical: OK Other: NE Protective Gloves: impervious Eye Protection: Goggles or face shield Other Protective Clothing or Equipment: as required to avoid contact. Work/Hygienic Practices: Wash after use. Follow good industrial hygienic practices. Section IX: Additional Information DOT/IATA Hazard Classification: This product is not listed as a DOT or IATA hazardous material. NFPA Classification (NFPA 325M,8 th edition)(Health, Flammability, Reactivity): 2-0-0This product contains components known to the state of California to cause cancer or reproductive harm. The information and recommendations contained within this publication have been compiled from sources believed to be reliable and to represent the best information available to JOHNSON MANUFACTURING at the time of issue. No warranty, guarantee, or representation is made by JOHNSON MANUFACTURING nor does JOHNSON MANUFACTURING assume any responsibility in connection therewithin; nor can it be assumed that all acceptable safety measures or other safety measures may not be required under particular or exceptional conditions or circumstances. NE = not established NA = not applicable |