Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LE30AB Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce LE30AB
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE30AB Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button LE30AB Datasheet HTML 19Page - STMicroelectronics LE30AB Datasheet HTML 20Page - STMicroelectronics LE30AB Datasheet HTML 21Page - STMicroelectronics LE30AB Datasheet HTML 22Page - STMicroelectronics LE30AB Datasheet HTML 23Page - STMicroelectronics LE30AB Datasheet HTML 24Page - STMicroelectronics LE30AB Datasheet HTML 25Page - STMicroelectronics LE30AB Datasheet HTML 26Page - STMicroelectronics LE30AB Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
LE00AB/C SERIES
24/27
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.32
4.95
170.1
194.9
b
0.36
0.51
14.2
20.1
D
4.45
4.95
175.2
194.9
E
3.30
3.94
129.9
155.1
e
2.41
2.67
94.9
105.1
e1
1.14
1.40
44.9
55.1
L
12.7
15.49
500.0
609.8
R
2.16
2.41
85.0
94.9
S1
0.92
1.52
36.2
59.8
W
0.41
0.56
16.1
22.0
TO-92 MECHANICA DATA
0102782/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27