Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASA Fiches technique(PDF) 5 Page - Polymaker Industrial

No de pièce ASA
Description  My first print
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POLYMAKER [Polymaker Industrial]
Site Internet  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

ASA Fiches technique(HTML) 5 Page - Polymaker Industrial

  ASA Datasheet HTML 1Page - Polymaker Industrial ASA Datasheet HTML 2Page - Polymaker Industrial ASA Datasheet HTML 3Page - Polymaker Industrial ASA Datasheet HTML 4Page - Polymaker Industrial ASA Datasheet HTML 5Page - Polymaker Industrial ASA Datasheet HTML 6Page - Polymaker Industrial ASA Datasheet HTML 7Page - Polymaker Industrial ASA Datasheet HTML 8Page - Polymaker Industrial ASA Datasheet HTML 9Page - Polymaker Industrial Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
3) Prepare the filament
4) Start the print
5) Post process
When the print begins make sure the first layer is correctly laid down and
sticking well to the bed before leaving the printer to finish the print.
PolyLite™ ASA can be wet sanded to obtain a smoother surface.
PolyLite™ ASA can be chemically smoothed with acetone. We highly
recommend to use our
PolySmooth™ filament for this purpose as it can
be smooth with IPA which is safer to manipulate than acetone.
- Carefully open the resealable bag, remove the spool and close the bag
back to preserve the desiccant bag.
- It is recommended to store
PolyLite™ ASA in the PolyBox™ to prevent
moisture absorption which will lower the quality and the mechanical
properties of the print.
- Load the filament in your printer and wait until you have a consistent
extrusion.
- At the end of the print, make sure to correctly store the filament back in
the resealable bag if you are not using the
PolyBox™.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16