Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1117AL Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce LD1117AL
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117AL Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button LD1117AL Datasheet HTML 10Page - STMicroelectronics LD1117AL Datasheet HTML 11Page - STMicroelectronics LD1117AL Datasheet HTML 12Page - STMicroelectronics LD1117AL Datasheet HTML 13Page - STMicroelectronics LD1117AL Datasheet HTML 14Page - STMicroelectronics LD1117AL Datasheet HTML 15Page - STMicroelectronics LD1117AL Datasheet HTML 16Page - STMicroelectronics LD1117AL Datasheet HTML 17Page - STMicroelectronics LD1117AL Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Package mechanical data
LD1117A series
14/27
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27